Part Number Hot Search : 
NX6410GH 9X227M01 IRF841 15N12 TSH2415D 2SB118 050000 1N4131
Product Description
Full Text Search
 

To Download 1N4448 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148 / 1N4150 / 1N4448
Diodes
Switching diode
1N4148 / 1N4150 / 1N4448
This product is available only outside of Japan.
Application High-speed switching
External dimensions (Unit : mm)
CATHODE BAND (BLACK)
Features 1) Glass sealed envelope. (GSD) 2) High speed. 3) High reliability.
Type No.
0.50.1
C 291 3.80.2 291
A 1.80.2
Construction Silicon epitaxial planar
ROHM : GSD EIAJ : - JEDEC : DO-35
Absolute maximum ratings (Ta=25C)
Type 1N4148 1N4150 1N4448 (1N914B) VRM (V) 100 50 100 VR (V) 75 50 75 IFM (mA) 450 600 450 IO (mA) 150 200 150 IF (mA) 200 250 200 IFSM 1s (A) 2 4 2 P (mW) 500 500 500 Tj (C) 200 200 200 Topr (C) -65 to +200 -65 to +200 -65 to +200 Tstg (C) -65 to +200 -65 to +200 -65 to +200
Electrical characteristics (Ta=25C)
VF (V) Type @ @ @
1mA
BV (V) Min. @
30mA
IR (A) Max. @25C VR (V) 0.025 5.0 0.025 5.0 0.1 0.025 5.0 20 75 20 75 50 20 75 50.0
@
2mA
@
5mA
@
10mA
@
20mA
@
50mA
@
@
@
0.1mA 0.25mA
100mA 200mA 250mA
@ 5A 75
@ 100A 100
@150C
trr (ns) VR=6V VR=0 IF=10mA VR (V) f=1MHz RL=100 20 4 4
Cr (pF)
1N4531 1.0 1N4148 0.54 1N4150 0.62 0.62 1N4448 0.72 1.0 0.74 0.86 0.92 1.0 1.0 0.66 0.76 0.82 0.87
75 - -
100
50.0
20
4
4
50
100.0
50
2.5
4
100
50.0
20
4
4
The upper figure is the minimum VF and the lower figure is the maximum VF value.
1/2
1N4148 / 1N4150 / 1N4448
Diodes
Electrical characteristic curves (Ta=25C)
CAPACITANCE BETWEEN TERMINALS : CT (pF)
100 50
FORWARD CURRENT : IF (mA)
3.0 f=1MHz 2.5 2.0 1.5 1.0 0.5 0 0
3000
REVERSE CURRENT : IR (nA)
100C
20 10 5 2
25C Ta=75 C Ta=25C Ta=-25 C
1000 300 100 30 10 3
70C
50C
1 0.5 0.2 0
Ta=25C
0.2
Ta=1
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
20
40
60
80
100 120
5
10
15
20
25
30
FORWARD VOLTAGE : VF (V)
REVERSE VOLTAGE : VR (V)
REVERSE VOLTAGE : VR (V)
Fig. 1 Forward characteristics
Fig. 2 Reverse characteristics
Fig. 3 Capacitance between terminals characteristics
3
REVERSE RECOVERY TIME : trr (ns)
100
SURGE CURRENT : Isurge (A)
VR=6V Irr=1/10IR 2
50
PULSE Single pulse
20 10 5
1
2
0 0
10
20
30
1 0.1
1
10
100
1000
10000
FORWARD CURRENT : IF (mA)
PULSE WIDTH : Tw (ms)
Fig. 4 Reverse recovery time characteristics
Fig. 5 Surge current characteristics
0.01F
D.U.T.
5 PULSE GENERATOR OUTPUT 50 50 SAMPLING OSCILLOSCOPE
INPUT
100ns
OUTPUT
trr 0
0.1IR
Fig. 6 Reverse recovery time (trr) measurement circuit
IR
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document use silicon as a basic material. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.0


▲Up To Search▲   

 
Price & Availability of 1N4448

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X